PART |
Description |
Maker |
MAX1464 |
Low-Power, Low-Noise Multichannel Sensor Signal Processor
|
MAXIM[Maxim Integrated Products]
|
CS5376A |
Low-Power, Multichannel Decimation Filter
|
Cirrus Logic
|
UT3232 |
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
|
UNISONIC TECHNOLOGIES
|
MAX1401EAI MAX1401CAI MAX1401 |
#V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC #V 18-Bit Low-Power Multichannel Oversampling Sigma-Delta ADC 3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1400 MAX1400CAI |
%V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
|
Maxim Integrated Products, Inc. ADC
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
LTC2928CG LTC2928IG LTC2928IUHF |
Multichannel Power Supply Sequencer and Supervisor
|
Linear Technology
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
|